PART |
Description |
Maker |
A-USBPA-HOOD-BLK-R-ND Q4739125 AE10636 |
Hoods USB-Assembly, Type A, Male, Black
|
Assmann Electronics Inc.
|
8655MH3701 |
SHIELDED HOODS - TWO PART HOODS
|
FCI-CONNECTOR[FCI connector]
|
55100-0670 |
Serial Bus Connector; No. of Contacts:6; Gender:Plug; Connector Body Material:Plastic; Contact Termination:Solder; Mounting Type:Cable; Pitch Spacing:2mm; Series:55100 RoHS Compliant: Yes 6 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, PLUG
|
Molex, Inc.
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
M712-3241942R M712-3261942R |
HDMI Connector, Horizontal SMT, Panel mount flange, Type A, Straight (normal) location pegs, With rear plastic lugs, selective gold tin 19 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT HDMI Connector, Horizontal SMT, Panel mount flange, Type A, Retaining (hook) location pegs, With rear plastic lugs, selective gold tin 19 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT
|
Harwin PLC TE Connectivity, Ltd.
|
62684-451100HLF 62684-322100ALF 62684-362100 62684 |
PLASTIC TAPE PACKAGED PLASTIC TAPE PACKAGED0.5MM CONTACT SPACING CONNECTOR THIS PRODUCT IS THE CONNECTOR USED FOR FPC/FFC AND COPES WITH AUTOMATIC MOUTING(SMT)
|
FCI connector
|
SFH756 SFH756V |
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing SFH Transmitters & Receivers - Transmitter (LED only) 650nm - connector housing
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
ADP3310AR-28 ADP3310AR-3 ADP3310AR-33 ADP3310AR-5 |
Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Precision Voltage Regulator Controller
|
Analog Devices, Inc. AD[Analog Devices]
|
SFH756V SFH756-07 |
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
|
AVAGO TECHNOLOGIES LIMI...
|
83199-4500 83199-3605 83199-6608 |
5 CONTACT(S), PLASTIC, FEMALE, CIRCULAR CONNECTOR, SOLDER, PLUG 6 CONTACT(S), PLASTIC, MALE, CIRCULAR CONNECTOR, PLUG 6 CONTACT(S), PLASTIC, FEMALE, CIRCULAR CONNECTOR, RECEPTACLE
|
MOLEX INC
|
BS616LV8019 BS616LV8019FIP70 BS616LV8019EC BS616LV |
From old datasheet system Asynchronous 8M(512Kx16) bits Static RAM V35/M50 MALE PINS V.35 HOODS V.35 CONNECTOR SHELLS FEMALE Very Low Power/Voltage CMOS SRAM 512K X 16 bit 非常低功电压CMOS SRAM的为512k × 16 V35/M50 FEMALE PINS 非常低功电压CMOS SRAM的为512k × 16
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|